PART |
Description |
Maker |
ACSL-6300 ACSL-6420 ACSL-6420-56R ACSL-6420-56T AC |
4 CHANNEL LOGIC OUTPUT OPTOCOUPLER ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% 多通道和双向,15 MBd的数字逻辑门光电耦合 (ACSL6xx0) Multi-Channel and Bi-Directional / 15 MBd Digital Logic Gate Optocoupler (ACSL-6xx0) Multi-Channel and Bi-Directional / 15 MBd Digital Logic Gate Optocoupler ACSL-6210-00R · Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler ACSL-6400-00T · Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
|
AGILENT TECHNOLOGIES INC Glenair, Inc. TE Connectivity, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
ADG3231BRJ ADG3231BRJ-REEL ADG3231BRJ-REEL7 ADG323 |
Analog Devices Single-Channel Level Translator with Bi-directional 1.65 V to 3.6 V Level Shift Low Voltage, Single-Channel Level Translator
|
Analog Devices
|
IDT723612 IDT723612L30PQF IDT723612L30PF IDT723612 |
BiCMOS SyncBiFIFOO 64 x 36 x 2 64 X 36 BI-DIRECTIONAL FIFO, 12 ns, PQFP132 BiCMOS SyncBiFIFOO 64 x 36 x 2 64 X 36 BI-DIRECTIONAL FIFO, 15 ns, PQFP120 BiCMOS SyncBiFIFOO 64 x 36 x 2 64 X 36 BI-DIRECTIONAL FIFO, 15 ns, PQFP132 Single Low-Power Operational Amplifier 5-SOT-23 -40 to 85
|
http:// Integrated Device Technology, Inc.
|
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
DBTC-6-4-75 DBTC-75OHMSSERIES DBTC-10-4-75 DBTC-13 |
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Surface Mount Directional Couplers 表面贴装定向耦合 Surface Mount Directional Couplers 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 3.1 dB INSERTION LOSS-MAX
|
http:// MINI[Mini-Circuits]
|
B-13-15-1250C-F-SSC B-13-15-1250C-F-SSC2 B-13-15-1 |
1.25 Gbps bi-directional SC Receptacle single Fiber Transceiver
|
Source Photonics, Inc. http://
|
FTM-9612C-SL20G FTM-9612C-SL20IG FTM-9912C-SL20G F |
1.25Gbps Single Fiber Bi-directional SFP Transceiver
|
Source Photonics, Inc.
|
TS8314 |
Bi-directional N-Channel 2.5V Specified MicroSURF
|
Taiwan Semiconductor Co., Ltd.
|
B-13-155-TDFB3-SFC5 B-13-155-TDFB3-SFC5-G5 B-13-15 |
155 Mbps Bi-directional Receptacle Single Fiber Transceiver
|
http:// Source Photonics, Inc.
|
B-15-155-T3-SSC5-40 B-15-155-T3-SSC5-40-G5 B-15-15 |
155 Mbps Bi-directional Receptacle Single Fiber Transceiver
|
Source Photonics, Inc.
|